Part Number Hot Search : 
203002 LM293N UPC1363C 10725A PS150R04 ICE2Q IRF3717 AK8815
Product Description
Full Text Search
 

To Download 150U60D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2025 rev. D 03/03
150U(R).. SERIES
STANDARD RECOVERY DIODES Stud Version
Features
Diffused diode High voltage ratings up to 1200V High surge current capabilities Stud cathode and stud anode version Hermetic metal case
150A
Typical Applications
Welders Power supplies Machine tool controls High power drives Medium traction applications Battery charges Free-wheeling diodes
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz It
2
150U(R)..
150 125 235 3000 3140 45 41 600 and 1200 - 40 to 180
Units
A C A A A KA2s KA2s V C
@ 50Hz @ 60Hz
V RRM range TJ
case style DO205 (DO-8)
www.irf.com
1
150U(R).. Series
Bulletin I2025 rev. D 03/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
60 150U(R).. 80 100 120
VRRM , maximum repetitive peak reverse voltage V
600 800 1000 1200
VRSM , maximum nonrepetitive peak rev. voltage V
700 900 1100 1300
IRRM max.
@ TJ = TJ max.
mA
15
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM I 2t Max. peak, one-cycle forward, non-repetitive surge current Maximum I t for fusing
2
150U(R)..
150 125 235 3000 3140 45 41
Units Conditions
A C A A Dc @ 110C t = 10ms t = 8.3ms KA s
2
180 conduction, half sine wave
No voltage reapplied No voltage reapplied Sinusoidal half wave, Initial TJ = TJ max.
t = 10ms t = 8.3ms
rf V F(T0) V FM
Slope resistance Threshold voltage Max. forward voltage drop
0.97 0.80 1.47
m V V
@ TJ = TJ max.
Ipk= 600A, TJ = 25C, tp = 10ms sinusoidal wave
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque +0 -20%
150U(R)..
-40 to 180 -40 to 180 0.3 0.1 17 14.5
Units
C
Conditions
K/W Nm g
DC operation Mounting surface, smooth, flat and greased Not lubricated threads Lubricated threads
wt
Approximate weight Case style
130 DO-205 (DO-8)
See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction Units
0.031 0.038 0.048 0.071 0.120 0.023 0.040 0.053 0.075 0.121
Conditions
TJ = TJ max.
K/W
2
www.irf.com
150U(R).. Series
Bulletin I2025 rev. D 03/03
Ordering Information Table
Device Code
15
1 1 2 3 4 5 6 7 - 15 -0 -U
0
2
U
3
R
4
120
5
D
6
L
7
= Essential Part Number = Standard Device = Stud Normal Polarity (Cathode to Stud)
- None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) - Voltage code: Code x 10 = VRRM (See Voltage Ratings table) - Diffused diode -L = Stud base 1/2" - 20UNF-2A threads None = Stud base 3/8" - 24UNF-2A threads NOTE: For Metric Device M12 x 1.75 Contact Factory
Outline Table
150U(R) Series Conforms to JEDEC DO-205 (DO-8)
All dimensions in millimeters (inches)
* * FOR METRIC DEVICE M12 x 1.75 * FOR STUD BASE 1/2" - 20UNF-2A THREADS; refer "Odering Information Table"
www.irf.com
3
150U(R).. Series
Bulletin I2025 rev. D 03/03
Maximum Allowable Case Temperature (C) Maximum Allowable Case Temperature (C)
180 160 140 120 100 80 0 50
150U(R) RthJC (DC) = 0.3 K/W
180 160 140 120 100 80 0 40
150U(R) RthJC (DC) = 0.3 K/W
Conduction Angle
Conduction Period
30
60 90 120
DC
180 30 60 90 120
180
100
150
200
80
120
160
200
Average Forward Current (A) Fig. 1 - Current Ratings Characteristics
Average Forward Current (A) Fig. 2 - Current Ratings Characteristics
Maximum Average Forward Power Loss (W)
300 250 200 150 100 50 0 0 50 100 150
80 200 100 120 140 160 180
Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
180 120 90 60 30 RMS Limit Conduction Angle 150U(R) Tj = 180C
Rt hS A
0.2 K/ W
0.4 K/W 0.6 K/W
=0 .0 5
K/ W
-D el ta
R
1.2 K /W
Fig. 3 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
300 250 200 150 100 50 0 0 50 100 150 200 250 300 80
Conduction Period
180 120 90 60 30
RMS Limit
Rt hS A
DC
0.2 K/W
=0 .05 K/ W
0.4 K/W 0.6 K/W 0.8 K /W
-D elt aR
150U(R) Series Tj = 180C
1.2 K/W
100
120
140
160
180
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 4 - Forward Power Loss Characteristics
4
www.irf.com
150U(R).. Series
Bulletin I2025 rev. D 03/03
Peak Half Sine Wave Forward Current (A) Peak Half Sine Wave On-state Current (A)
3500 3000 2500 2000 1500 1000 500 1
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 180C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
4000 3500 3000 2500 2000 1500 1000
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T j = 180C No Voltage Reapplied Rated V rrm Reapplied
Per Junction
Per Junction
10
100
500 0.01
0.1
Pulse Train Duration(s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Instantaneous Forward Current (A)
Fig. 6 - Maximum Non-Repetitive Surge Current
10000
1000
100
Tj = 25C Tj = 180C
10 0.5
1
1.5
2
2.5
3
Instantaneous Forward Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics
(K/W)
1
Steady State Value RthJC = 0.3 K/W (DC Operation)
Transient Thermal Impedance Z
thJC
0.1
150U(R)
0.01 0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s) Fig. 8 - Thermal Impedance ZthJC Characteristic
www.irf.com
5
150U(R).. Series
Bulletin I2025 rev. D 03/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 150U60D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X